PART |
Description |
Maker |
UTCHE8550 HE8550-TO-92 |
PNP EPITAXIAL SILIC ON TRANSISTOR
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
2SA1350 2SA1350D |
Silicon PNP Transistor Silicon PNP Epitaxial TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK
|
HITACHI[Hitachi Semiconductor]
|
BC80725MTFNL BC80816MTF FAIRCHILDSEMICONDUCTORCORP |
PNP Epitaxial Silicon Transistor 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
2SA1121 2SA1121SC |
TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | SOT-23 晶体管|晶体管|进步党| 35V的五(巴西)总裁| 500mA的一(c)| SOT - 23封装 Silicon PNP Epitaxial Silicon PNP Transistor
|
HIROSE ELECTRIC Co., Ltd. HITACHI[Hitachi Semiconductor]
|
MPQ3799 MPQ3798 |
PNP SILICON QUAD TRANSISTOR PNP SILICON QUAD TRANSISTOR 50 mA, 40 V, 4 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-116
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SA1488A 2SA1488 |
Silicon PNP Transistor Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
|
SANKEN[Sanken electric]
|
FMMTA92 FMMTA93 FMMTA92TA FMMTA92R |
200 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR PNP High Voltage Transistor
|
ZETEX PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
2SC4615 2SA1772 2SA1772ETP-FA |
1000 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Epitaxial Planar Silicon Transistor for High-Voltage Driver Applications(高电压驱动器应用的PNP硅外延平面型晶体 进步党硅外延平面晶体管的高压驱动器应用(高电压驱动器应用的新进步党硅外延平面型晶体管 NPN Triple Diffused Planar Silicon Transistor High-Voltage Driver Applications PNP Epitaxial Planar Silicon Transistor High-Voltage Driver Applications
|
Sanyo Electric Co., Ltd.
|
2N381011 JANS2N3810L |
PNP SILICON DUAL TRANSISTOR PNP Dual Transistors; Package: TO-78; 50 mA, 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
Microsemi Corporation Microsemi, Corp.
|